PART |
Description |
Maker |
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
HDM160GS16C |
160 X 160 Dots Color Graphic, Low Power w/Touch Screen
|
HANTRONIX[Hantronix,Inc]
|
HDM160GS16 |
160 X 160 Dots Graphic, Low Power w/Touch Screen
|
HANTRONIX[Hantronix,Inc]
|
WG160160A |
LCD MODULE GRAPHIC 160 x 160 DOTS
|
WINSTAR List of Unclassifed Manufacturers
|
LCD160G160A |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
LCD-160G160A08 |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
CSR33B563MA T110D105K050MSC T110D105M050MSC CSR13B |
LCD GRAPHIC MODULE 240X128 PIXEL TVS UNIDIRECT 14V 400W SMA INTELLIGENT DISP 4CHAR 5X5 HER TANTALUM HERMETICALLY SEALED / AXIAL 钽密轴流 Connector assemblies, Outlet 钽密轴流 DISPLAY 7SEG 14.3MM 2DGT RED CA 钽密轴流 RF/Coaxial Connector; RF Coax Type:MMCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes 钽密轴流 CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG400/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 钽密轴流 PHASEO POWER SUPPLY 5VDC 4AMP 钽密轴流 TVS ZENER UNIDIRECT 400W 12V SMA 钽密轴流 TVS 400W 15V BIDIRECT SMA 钽密轴流
|
Kemet Corporation http://
|
B40C5000-300006 B80C5000-3000 B380C5000-3000 B125C |
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 1 Coil Latching 3.5 A, 160 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers
|
Semikron International
|
TC74AC164P07 TC74AC164F TC74AC164FN TC74AC164FT |
Zener Diode; Application: General; Pd (mW): 200; Vz (V): 25.10 to 28.90; Condition Iz at Vz (mA): 2; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 2.80 to 3.20; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 23.72 to 24.78; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 2.80 to 3.05; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 24.54 to 25.57; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
|
Toshiba Corporation Toshiba Semiconductor
|
IRS2118SPBF |
Asynchronous SRAM; Organization (word): 256K; Organization (bit): x 16; Memory capacity (bit): 4M; Access time (ns): 12; Supply voltage (V): 4.5 to 5.5; Operating temperature (°C): 0 to 70; Package: SOJ (44); Status: Remarks:
|
International Rectifier
|
IRS21853SPBF |
Asynchronous SRAM; Organization (word): 256K; Organization (bit): x 16; Memory capacity (bit): 4M; Access time (ns): 12; Supply voltage (V): 3.0 to 3.6; Operating temperature (°C): 0 to 70; Package: TSOPII (44); Status: Remarks:
|
International Rectifier
|
|